PART |
Description |
Maker |
ILC7080AIM5 ILC7081 ILC7081AIM5 ILC7081AIM5ADJ ILC |
50/100mA SOT-23 CMOS RF LDO Regulators
|
FAIRCHILD[Fairchild Semiconductor]
|
AP2138N-1.2TRG1 AP2138N-1.4TRG1 AP2138N-1.5TRG1 AP |
ULTRA LOW QUIESCENT CURRENT CMOS LDO 1.4 V FIXED POSITIVE LDO REGULATOR, 0.9 V DROPOUT, PDSO5 GREEN, SOT-23, 5 PIN 1.4 V FIXED POSITIVE LDO REGULATOR, 0.9 V DROPOUT, PDSO3 GREEN, SOT-23, 3 PIN 1.4 V FIXED POSITIVE LDO REGULATOR, 0.9 V DROPOUT, PDSO5 GREEN, SOT-89, 5 PIN 1.5 V FIXED POSITIVE LDO REGULATOR, 0.9 V DROPOUT, PDSO5 GREEN, SOT-89, 5 PIN 1.8 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO5 GREEN, SOT-89, 5 PIN 1.8 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO3 3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO3
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd. BCD SEMICONDUCTOR MANUFACTURING LTD
|
ILC7071 |
100mA SOT-23-5 Ultra Low Noise CMOS RF-LDO™
|
Fairchild Semiconductor
|
AME8841REHA AME8841 AME8841AEHA AME8841BEHA AME884 |
Output voltage: 1.5V; 600mA CMOS LDO Output voltage: 3.1V; 600mA CMOS LDO Output voltage: 2.9V; 600mA CMOS LDO Circular Connector; No. of Contacts:100; Series:MS27466; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:23; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 600毫安的CMOS LDO稳压 Output voltage: 2.85V; 600mA CMOS LDO Output voltage: 3.7V; 600mA CMOS LDO
|
AME[Analog Microelectronics] AME, Inc.
|
GLT44108 GLT44108-35FA GLT44108-35FB GLT44108-35FC |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 12k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, Fast Transient Response 5-SOT-23 12k × 8的CMOS动态RAM的快速页面模 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 12k × 8CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.8V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE 12k × 8的CMOS动态RAM的快速页面模 Multi-Color LED; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Fixed(3.3V), Low Noise, Fast Transient Response 5-SOT-23 Single Output LDO, 100mA, Fixed(2.85V), Low Noise, Fast Transient Response 5-SOT-23
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
P4C116L-35PC P4C116L-35JC P4C116L-35DC P4C116L-35D |
100mA LDO with Shutdown & /Error out & V REF Bypass, -40C to 125C, 6-SOT-23, T/R 50mA LDO with Shutdown & /Error out & V REF Bypass, -40C to 125C, 6-SOT-23, T/R 50mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R 100mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R 80 Ma Tiny CMOS, w/shutdown, -40C to 125C, 5-SC-70, T/R x8 SRAM x8的SRAM 100mA LDO with Shutdown & /Error out & V REF Bypass, -40C to 125C, 6-SOT-23, T/R x8的SRAM 100mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R x8的SRAM
|
Pyramid Semiconductor, Corp. Electronic Theatre Controls, Inc. Analog Devices, Inc.
|
LT1761-2.5 LT1761-3.3 |
100mA, Low Noise, LDO Micropower Regulators in SOT-23(2.5V输出00mA,低噪声,低压差稳压器(SOT-23封装 100mA, Low Noise, LDO Micropower Regulators in SOT-23(3.3V输出00mA,低噪声,低压差稳压器(SOT-23封装
|
Linear Technology Corporation
|
BHXXLB1WG BHXXLB1WHFV BH29FB1WG BH29FB1WHFV BH30FB |
Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators low dropout CMOS regulators with 150 mA and 300 mA Standard CMOS LDO Regulators Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
|
Rohm
|
AP2120N-5.0TRG1 AP2120N-2.5TRG1 AP2120N-2.8TRG1 AP |
5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO3 GREEN, SOT-23, 3 PIN HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
|
BCD Semiconductor Manufacturing, Ltd. BCD Semiconductor Manufacturing Limited
|
SP6203 SP6203EM5- SP6205ER-3.3 SP6205ER-3.0 SP6205 |
Low Noise, 300mA and 500mA CMOS LDO Regulators Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA00mA的CMOS LDO稳压 Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA500mA的CMOS LDO稳压 Circular Connector; No. of Contacts:37; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-35 低噪音,00mA00mA的CMOS LDO稳压 CRYSTALS 10/15 -20 70 18PF 19.6608MHZ ATCUT FUND HC-49/US Low Noise / 300mA and 500mA CMOS LDO Regulators Low Noise 300mA and 500mA CMOS LDO Regulators
|
Advanced Semiconductor, Inc. SIPEX[Sipex Corporation]
|
|